Part Number Hot Search : 
MAX4182 IC6C596 SIRA34DP FDQ7238S PE423708 FFM201L SB260 G20J8
Product Description
Full Text Search
 

To Download 3084A0021000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  for more information please call 1-800-belden1 description: 22 and 24 awg stranded tinned copper conductors, pvc insulation (power), fpe insulation (data), individually foil shielded (100% coverage) and an overall tinned copper braid (65% coverage), sunlight/oil-resistant pvc jacket. physical characteristics (overall) conductor awg: # conductors # pairs awg stranding conductor material 4 1 22 19x34 tc - tinned copper 1 24 19x36 tc - tinned copper insulation insulation material: insulation material awg pvc - polyvinyl chloride 22 fpe - foam polyethylene 24 inner shield inner shield material: layer # type inner shield material coverage (%) 22 awg pair tape aluminum foil-polyester tape 100 24 awg pair tape aluminum foil-polyester tape 100 inner shield drain wire awg: awg 22 inner shield drain wire stranding: 19x34 inner shield drain wire conductor material: tc - tinned copper outer shield outer shield material: type outer shield material coverage (%) braid tc - tinned copper 65 outer jacket outer jacket material: outer jacket material pvc - polyvinyl chloride overall cabling overall nominal diameter: 0.280 in. pair pair color code chart: number color 22 awg pair red & black 24 awg pair blue & white mechanical characteristics (overall) operating temperature range: -20c to +75c page 1 of 3 09-17-2009 detailed specifications & technical data english measurement version 3084a multi-conductor - devicebus? for odva devicenet?
operating temperature range: -20c to +75c ul temperature rating: 75c bulk cable weight: 41 lbs/1000 ft. max. recommended pulling tension: 65 lbs. min. bend radius (install)/minor axis: 2.750 in. applicable specifications and agency compliance (overall) applicable standards & environmental programs nec/(ul) specification: cmg, cl2 cec/c(ul) specification: cmg csa specification: i/ii a eu ce mark: yes eu directive 2000/53/ec (elv): yes eu directive 2002/95/ec (rohs): yes eu rohs compliance date (mm/dd/yyyy): 04/01/2005 eu directive 2002/96/ec (weee): yes eu directive 2003/11/ec (bfr): yes ca prop 65 (cj for wire & cable): yes mii order #39 (china rohs): yes other specification: odva class 2 thin flame test ul flame test: ul1685 ft4 loading csa flame test: ft4 suitability sunlight resistance: yes oil resistance: yes plenum/non-plenum plenum (y/n): no electrical characteristics (overall) nom. characteristic impedance: description impedance (ohm) 24 awg pair 120 nom. inductance: description inductance (h/ft) 22 awg pair .221 24 awg pair .251 nom. capacitance conductor to conductor: description freq. (mhz) start freq. (mhz) stop freq. (mhz) capacitance (pf/ft) 24 awg pair 1 12.0 nominal velocity of propagation: description vp (%) 24 awg pair 75 maximum delay: description freq. (mhz) start freq. (mhz) stop freq. (mhz) delay (ns/ft) 24 awg pair 1.36 maximum conductor dc resistance: description dcr @ 20c (ohm/100 m) page 2 of 3 09-17-2009 detailed specifications & technical data english measurement version 3084a multi-conductor - devicebus? for odva devicenet?
22 awg 17.5 24 awg 28.0 nominal outer shield dc resistance: dcr @ 20c (ohm/1000 ft) 3.2 max. attenuation: () description freq. (mhz) .29 24 awg pair only .125 .50 .500 .70 1.000 max. operating voltage - ul: voltage description 300 v rms cl2, cmg 300 v rms c(ul) awm 600 v rms ul awm max. recommended current: current 1.7 amps per conductor @ 25c (24 awg) 4 amps per conductor @ 24 v per nec cl2 (power pair) notes (overall) notes: flex life: +/- 90 degree flex test, 2" diameter, 2 lbs. tension: 2000 cycles minimum. meter marks on jacket to aid users in installation. odva devaicenet is an open devicenet vendor association, inc. trademark. put ups and colors: item # putup ship weight color notes item desc 3084a t5u1000 1,000 ft 47.000 lb gray t5u c 2 #22, 2 #24 shld pvc 3084a t5u2000 2,000 ft 96.000 lb gray t5u c z 2 #22, 2 #24 shld pvc 3084a t5u500 500 ft 22.000 lb gray t5u c 2 #22, 2 #24 shld pvc 3084a 0021000 1,000 ft 47.000 lb red c 2 #22, 2 #24 sh pvc notes: c = crate reel put-up. z = final put-up length may vary (+ or -) 10% for spools or reels and(+ or -) 5% for unreel cartons from length shown. revision number: 1 revision date: 05-14-2007 ? 2008 belden, inc all rights reserved. although belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not ensure product availability. belden provides the information and specifications herein on an "as is" basis, with no representations or warranties, whether express, statutory or implied. in no event will belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if belden has been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. all sales of belden products are subject to belden's standard terms and conditions of sale. belden believes this product to be in compliance with eu rohs (directive 2002/95/ec, 27-jan-2003). material manufactured prior to the compliance date may be in stock at belden facilities and in our distributors inventory. the information provided in this product disclosure, and the identification of materials listed as reportable or restricted within the product disclosure, is correct to the best of beldens knowledge, information, and belief at the date of its publication. the information provided in this product disclosure is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. this product disclosure is not to be considered a warranty or quality specification. regulatory information is for guidance purposes only. product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the product. belden declares this product to be in compliance with eu lvd (low voltage directive 73/23/eec), as amended by directive 93/68/eec. page 3 of 3 09-17-2009 detailed specifications & technical data english measurement version 3084a multi-conductor - devicebus? for odva devicenet?


▲Up To Search▲   

 
Price & Availability of 3084A0021000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X